PART |
Description |
Maker |
WED2ZLRSP01S42BC WED2ZLRSP01S50BI WED2ZLRSP01S38BC |
512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
|
WEDC[White Electronic Designs Corporation]
|
MBM29LV400T MBM29LV400B |
CMOS 4M (512K ×8/256K×16) Falsh Memory(512K ×8/256K×16V 电源电压闪速存储器) 的CMOS 4分(12k × 8/256K × 16Falsh存储器(12k × 8/256K × 16位单5V的电源电压闪速存储器
|
Fujitsu Limited Fujitsu, Ltd.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
AT49BV4096A AT49BV4096A-12RC AT49BV4096A-12RI AT49 |
LM4250 Programmable Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 LM4308 Mobile Pixel Link Two (MPL-2) - 18-bit CPU Display Interface Master/Slave; Package: MICRO-ARRAY; No of Pins: 49 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1361C-133AXC CY7C1361C-133BGI CY7C1361C-133AJX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 9兆位56 × 36/512K × 18)流通过的SRAM 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 6.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
A67L9318E-4.2F A67L8336E A67L8336E-2.6 A67L8336E-2 |
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 512k × 1856 × 36 LVTTL,流水线ZeBL的SRAM 512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 12k × 1856 × 36 LVTTL,流水线ZeBL的SRAM DIODE ZENER SINGLE 500mW 5.1Vz 20mA-Izt 0.05 5uA-Ir 2Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
GVT71512ZC18-5I GVT71512ZC18-6I CY7C1356A-133ACI C |
256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.6 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.6 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 5 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.2 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MX29LV400CBXHI-70Q MX29LV400CTXHI-70Q 29LV400C-90 |
4分位[12k × 8 / 256K × 16] CMOS单电V时仅闪存 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 55 ns, PDSO44 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 55 ns, PDSO48 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 55 ns, PDSO48 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 55 ns, PBGA48 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|